Part Number Hot Search : 
C451L RB751 73E2R47G N1113 EFA240B 71973 EMC1152 A115E
Product Description
Full Text Search
 

To Download SR4-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 general purpose relays force guided relays force guided relay sr4 d/m n 4 pole relay with force guided contacts according to en 50205 n compact design and space effcient typical applications emergency shut-off, press control, machine control, elevator and escalator control, safety relays approvals vde cert. no. 40005334, ul e214025, tuv 968/el 230, ccc 2012010304537809 technical data of approved types on request contact data contact arrangement 3 form a + 1 form b contacts 3 no + 1 nc 2 form a + 2 form b contacts 2 no + 2 nc rated voltage 250vac max. switching voltage 400vac rated current 8a contact material agsno 2 contact style single contact, force guided type a according to en 50205 min. recommended contact load 5v/10ma initial contact resistance 100m at 1a, 24vdc 20 at 10ma, 5vdc frequency of operation, with/without load 6/150min -1 contact ratings, iec60947-5-1, on 1 form a (no) contact ac15-3a dc13-3a mechanical endurance 10x10 6 operations coil data coil voltage range 5 to 110vdc coil versions, dc-coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 005 5 3.8 0.5 31 806 006 6 4.5 0.6 45 800 009 9 6.8 0.9 101 802 012 12 9.0 1.2 180 800 coil data (continued) coil versions, dc-coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 015 15 11.3 1.5 281 801 018 18 13.5 1.8 405 800 021 21 16.0 2.1 551 800 024 24 18.0 2.4 720 800 036 36 27.0 3.6 1620 800 040 40 30.0 4.0 2000 800 048 48 36.0 4.8 2880 800 060 60 45.0 6.0 4500 800 085 85 63.8 8.5 9031 800 110 110 83.0 11.0 15125 800 all fgures are given for coil without pre-energization, at ambient temperature +23c. insulation data initial dielectric strength between open contacts 1500vrms between contact and coil 4000vrms between adjacent contacts 2500vrms clearance/creepage between open contacts microdisconnection between contact and coil 10/10mm between adjacent contacts 3/3.5mm insulation to en 50178, type of insulation between contact and coil reinforced between adjacent contacts basic f0244-c z t schrack
04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays force guided relays force guided relay sr4 d/m (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -25 to 70c category of environmental protection iec 61 810 rtiii weight 30g resistance to soldering heat tht iec 60068-2-20 260c/5s packaging/unit tube/10 pcs. for more detailed information see product specifcation 2158002 pcb layout / terminal assignment bottom view on solder pins dimensions 2 form a + 2 form b, 2 no + 2 nc contacts 3 form a + 1 form b, 3 no + 1 nc contacts s0413-bc s0413-bb s0413-ba s0412-bh product code structure typical product code sr4 d 4 012 type sr4 relay with force guided contacts sr4 contact arrangement d 2 form a + 2 form b contacts (2 no + 2 nc) m 3 form a + 1 form b contacts (3 no + 1 nc) contact material 4 agsno 2 coil coil code: please refer to coil versions table (e.g. 012=12vdc) other types on request schrack
04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 general purpose relays force guided relays force guided relay sr4 d/m (continued) product code type contact arrangement contact material coil part number sr4d4005 4 pole 2 form a + 2 form b, agsno 2 5vdc 7-1415054-1 sr4d4006 relay with 2 no + 2 nc 6vdc 8-1415054-1 sr4d4009 force guided contacts contacts 9vdc 9-1415054-1 sr4d4012 12vdc 1415055-1 sr4d4018 18vdc 1-1415055-1 sr4d4021 21vdc 2-1415055-1 sr4d4024 24vdc 3-1415055-1 sr4d4036 36vdc 4-1415055-1 sr4d4040 40vdc 5-1415055-1 sr4d4048 48vdc 6-1415055-1 sr4d4060 60vdc 7-1415055-1 sr4d4085 85vdc 8-1415055-1 sr4d4110 110vdc 9-1415055-1 sr4m4005 3 form a + 1 form b, 5vdc 5-1415053-1 sr4m4006 3 no + 1 nc 6vdc 6-1415053-1 sr4m4009 contacts 9vdc 7-1415053-1 sr4m4012 12vdc 8-1415053-1 sr4m4018 18vdc 9-1415053-1 sr4m4021 21vdc 1415054-1 sr4m4024 24vdc 4-1415053-1 sr4m4036 36vdc 1-1415054-1 sr4m4040 40vdc 2-1415054-1 sr4m4048 48vdc 3-1415054-1 sr4m4060 60vdc 4-1415054-1 sr4m4085 85vdc 5-1415054-1 sr4m4110 110vdc 6-1415054-1 schrack


▲Up To Search▲   

 
Price & Availability of SR4-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X